Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4318ESS01H Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 60Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 61Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 62Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 63Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 64Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 65Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 66Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 67Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 68Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
HD404318 Series
63
0.8VCC
0.2VCC
t DSO
t SCKf
t SCKL
t SSI
t HSI
t Scyc
t SCKr
0.8 V
V
– 2.0 V
CC
V
– 2.0 V (0.8V
)*
CC
0.8 V (0.2V
)*
SCK
SO
SI
CC
CC
t SCKH
Note:
*V
CC-2.0V and 0.8V are the threshold voltages for transmit clock output.
0.8V
CC and 0.2VCC are the threshold voltages for transmit clock input.
Figure 55 Serial Interface Timing
RL = 2.6 kΩ
VCC
Hitachi
1S2074
or equivalent
R =
12 k
Ω
Test
point
C =
30 pF
Figure 56 Timing Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com