Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4318ESS01H Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 56Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 57Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 58Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 59Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 60Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 61Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 62Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 63Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
HD404318 Series
58
3. I
SBY is the source current when no I/O current is flowing while the MCU timer is operating.
Test conditions:
MCU:
I/O reset
Standby mode
Pins:
RESET at V
CC
TEST at GND
R0, R3, R4 at V
CC
D
0–D 8, R1, R2, R8, RA1 at V disp
4. This is the source current when no I/O current is flowing.
Test conditions:
Pins:
R0, R3, R4 at V
CC
D
0–D 8, R1, R2, R8, RA1 at GND
5. Applies to the HD404314, HD404316 and HD404318.
6. Applies to the HD4074318.
I/O Characteristics for Standard Pins (V
CC = 4.0 to 5.5 V, GND = 0 V, Vdisp = V CC – 40 V to VCC, Ta =
–20 to +75
°C, unless otherwise specified)
Item
Symbol
Pins
Min
Typ
Max
Unit Test Condition
Note
Input high
voltage
V
IH
R0, R3, R4
0.7V
CC
—V
CC + 0.3
V
Input low voltage V
IL
R0, R3, R4
–0.3
—
0.3V
CC
V
Output high
voltage
V
OH
R0, R3, R4
V
CC – 0.5
—
—
V
–I
OH = 0.5 mA
Output low
voltage
V
OL
R3, R4
—
—
0.4
V
I
OL = 1.6 mA
R0
—
—
2.0
V
I
OL = 10 mA
Input leakage
current
|I
IL|
R0, R3, R4
—
—
1
µAV
in = 0 V to VCC
1
Pull-up MOS
–I
PU
R0, R3, R4
30
150
300
µAV
CC = 5 V, Vin = 0 V
2
30
80
180
µA3
Notes: 1. Output buffer current is excluded.
2. Applies to the HD404314, HD404316, and HD404318.
3. Applies to the HD4074318.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com