Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 7Page - STMicroelectronics VV6501 Datasheet HTML 8Page - STMicroelectronics VV6501 Datasheet HTML 9Page - STMicroelectronics VV6501 Datasheet HTML 10Page - STMicroelectronics VV6501 Datasheet HTML 11Page - STMicroelectronics VV6501 Datasheet HTML 12Page - STMicroelectronics VV6501 Datasheet HTML 13Page - STMicroelectronics VV6501 Datasheet HTML 14Page - STMicroelectronics VV6501 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ADCS 7283313C
11/44
STV0681
Detailed Features
2.2.4
Piezo buzzer
An on-chip pulse width modulator (PWM) generates buzzer sounds to signal certain events. The
distinctive sounds are characteristic of the type of events indicated by the buzzer, as described here
below.
1
Camera has been ‘Woken up’ from standby mode (either by the user pressing a button, by re-
connecting the power source, or by connecting a USB/RS232 connection).
2
Camera has ‘gone to sleep’ that is moved into standby mode. Pictures are retained in memory.
3
Picture was taken successfully once the user had pressed the capture button.
4
Picture has NOT been taken when the user pressed the capture button because of insufficient
light, or because the exposure control was not ready following a rapid change of lighting in the
scene.
5
Picture has NOT been taken when the user pressed the capture button because the picture
counter had reached the maximum number of images. The user has the chance to reset the
counter if desired.
6
End of continuous capture in un-tethered ‘Continuous’ mode due to full memory.
7
Self-timer activated, count down has started.
2.2.5
Custom sounds
A camera which includes STV0681 and audio playback hardware can have a set of custom sounds
downloaded from a PC application. A different sound can be associated with each of the following
functions:
Table 2: List of custom sound functions
Power On
Power Off
Good picture
Bad picture
(Normally due to insufficient light)
Memory full
Self timer #1
Self timer #2
Low resolution
High resolution
Picture delete
Sound delete
Continuous clip delete
Clear memory
Confirm action
Low power
Flashgun ON
Flashgun OFF
Flashgun Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com