Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 38 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics VV6501 Datasheet HTML 39Page - STMicroelectronics VV6501 Datasheet HTML 40Page - STMicroelectronics VV6501 Datasheet HTML 41Page - STMicroelectronics VV6501 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
STV0681 pin description
STV0681
38/44
ADCS 7283313C
28
AD13
Output
SDRAM address A13, BA1 for 64M SDRAM, unused
on 16M
2mA
(SL)
25
CS
Output, active low
Chip select: enables (registered LOW) and disables
(registered HIGH) the SDRAM command decoder.
2mA
(SL)
23
RAS
Output, active low
SDRAM row address strobe command
2mA
(SL)
21
CAS
Output, active low
SDRAM column address strobe command
2mA
(SL)
19
WE
Output, active low
SDRAM write enable command
2mA
(SL)
18
DQML
Output
Data input/output mask for dram_DQ[7:0]
2mA
(SL)
100
DQ0
Input/Output
SDRAM Data Bus
2mA
(SL)
2
DQ1
Input/Output
SDRAM Data Bus
2mA
(SL)
4
DQ2
Input/Output
SDRAM Data Bus
2mA
(SL)
6
DQ3
Input/Output
SDRAM Data Bus
2mA
(SL)
8
DQ4
Input/Output
SDRAM Data Bus
2mA
(SL)
10
DQ5
Input/Output
SDRAM Data Bus
2mA
(SL)
14
DQ6
Input/Output
SDRAM Data Bus
2mA
(SL)
16
DQ7
Input/Output
SDRAM Data Bus
2mA
(SL)
17
DQ8
Input/Output
SDRAM Data bus
2mA
(SL)
15
DQ9
Input/Output
SDRAM Data bus
2mA
(SL)
13
DQ10
Input/Output
SDRAM Data bus
2mA
(SL)
9
DQ11
Input/Output
SDRAM Data Bus
2mA
(SL)
7
DQ12
Input/Output
SDRAM Data Bus
2mA
(SL)
5
DQ13
Input/Output
SDRAM Data Bus
2mA
(SL)
3
DQ14
Input/Output
SDRAM Data Bus
2mA
(SL)
1
DQ15
Input/Output
SDRAM Data Bus
2mA
(SL)
Table 15: STV0681 pin listing
Pin no.
Signal
Type
Description
drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com