Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 25 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 21Page - STMicroelectronics VV6501 Datasheet HTML 22Page - STMicroelectronics VV6501 Datasheet HTML 23Page - STMicroelectronics VV6501 Datasheet HTML 24Page - STMicroelectronics VV6501 Datasheet HTML 25Page - STMicroelectronics VV6501 Datasheet HTML 26Page - STMicroelectronics VV6501 Datasheet HTML 27Page - STMicroelectronics VV6501 Datasheet HTML 28Page - STMicroelectronics VV6501 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ADCS 7283313C
25/44
STV0681
STV0681 Hardware Interfaces
4.8
Switches and LED’s
The GPIO lines on STV0681 have the following pre-defined functions, see
Section 2.2 for user
interface functionality.
MODE push button and SHUTTER push button: GPIO0 and GPIO1: both push button inputs have
internal de-bounce circuits, reducing the amount of hardware required externally. It is
recommended that labelling is used on the camera casing to help the user understand the
functioning of the 2-button interface.
4.8.1
Input to select between 50 and 60Hz flicker frequency: GPIO3
This allows for factory setting of the anti-flicker frequency, dependant on the final country of
destination. See also
Section 2.6. The polarity of this selection is detailed in the reference design.
4.8.2
LED indicator output: GPIO5
The LED output has an 8mA current sinking capability.
4.8.3
Other pins: GPIO2, 4, 6, 7
With STV0681, these pins are used, as detailed in
Table 4.
Their specific functions are detailed in the reference design and in the following documents
available from ST:
q
Audio: application note AN1310
q
Flashgun: application note AN1312
4.8.4
Audio Record Hardware interface
STV0681 implements the A/D conversion by outputting successive analogue levels (successive
approximation) through the DAC output, which are compared with the actual signal level (output
from the sensor microphone preamplifier), and the resulting high or low signal from the comparator
is read at GPIO4. The sampling frequency is 11kHz, and the successive approximation is done at 8
bits resolution per sample. It is not possible to speed up the sampling frequency due to the limitation
of STV0681 processing speed.
An actual hardware implementation is given in the audio application note AN1310.
4.8.5
Audio Playback Hardware interface
STV0681 outputs the desired signal level through the DAC output, which is amplified to the speaker
or headphone socket. GPIO6 is used to switch off the amplifier during periods of audio recording, to
prevent the successive approximation waveform from being heard during periods of recording, and
to reduce the power consumption and unwanted crackle through the speaker.
An actual hardware implementation is given in the audio application note AN1310.
Table 4: Other GPIO usage with STV0681
GPIO
2
4
6
7
Audio Record
No
Yes
No
No
Audio
Playback
No
No
Yes
No
Flashgun
Yes
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com