Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 26Page - STMicroelectronics VV6501 Datasheet HTML 27Page - STMicroelectronics VV6501 Datasheet HTML 28Page - STMicroelectronics VV6501 Datasheet HTML 29Page - STMicroelectronics VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Software support
STV0681
30/44
ADCS 7283313C
6.2
Software installation
The following software support is only available to OEMs. Access to the latest installation files is
possible through a password-protected web page, contact ST for details. The installation files are for
the following:
q
Drivers (always check the Web site for latest driver version).
q
EVK software, i.e. LCDCdemo.exe and AVIcreator.exe, G2Video.exe, and CTItest2.exe
q
SDK installation: source code for sample applications, and documentation
6.2.1
Driver support available
6.2.2
EVK software
Note:
The following is also supplied with evaluation kits/demonstration units, but all the following software
is only for demonstration purposes and should NOT be supplied as an end-user product. However,
application-level source code (i.e. not driver/colour processing source) for LCDCdemo.exe, AVI
creator, and CTItest.exe is available as part of the SDK, which allows similar applications to be built
by the software developer:
1
Simple demonstration software LCDCdemo.exe for uploading thumbnails and images.
2
AVIcreator.exe software for uploading continuous images for creating ‘movie’ clips.
3
G2Video.exe is a VfW application which shows streaming video while tethered to USB and
allows creation of.AVI video clips.
4
CTItest.exe is only for debugging purposes, for software developers using the SDK
6.2.3
Software Development Kit (SDK) and source code
A software development kit allows the OEM to develop a custom application which calls the same
range of drivers as listed in
Section 6.2.1, hence allowing the OEM application to perform picture
download, thumbnail display, and colour processing using the ST colour process. Inclusion of
source code for the applications listed in
Section 6.2.2 allows the software developer to use these
as the basis for their own application.
The SDK is supplied by ST as a 32-bit DLL format, running on Microsoft Windows 98/Win2KTM, and
accessed through a documented software interface. Development requires Microsoft Visual Studio
Version 6 or later. This provides the basis for developing a custom software application for stills.
Note:
Source code for PC Drivers, Defect Correction and Colour Processing algorithms are not available.
Table 5: Driver choices
Interface type:
RS232
USB
PC Operating system
Microsoft Windows
™:
Win9x, WinNT4, Win2k,
Windows Millennium
Windows XP
Microsoft Windows
™:
Win98 and Win2k only,
Windows millenium
Windows XP
Mac OS
N/A
8.6, 9.0, 9.1, 9.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com