Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 14Page - STMicroelectronics VV6501 Datasheet HTML 15Page - STMicroelectronics VV6501 Datasheet HTML 16Page - STMicroelectronics VV6501 Datasheet HTML 17Page - STMicroelectronics VV6501 Datasheet HTML 18Page - STMicroelectronics VV6501 Datasheet HTML 19Page - STMicroelectronics VV6501 Datasheet HTML 20Page - STMicroelectronics VV6501 Datasheet HTML 21Page - STMicroelectronics VV6501 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
STV0681 Hardware Interfaces
STV0681
18/44
ADCS 7283313C
4
STV0681 Hardware Interfaces
4.1
Sensor interface
STV0681 uses a standard ST digital interface from the sensor, and the sensor clock input is
provided by an output from STV0681. The design of a camera using this chipset should be
implemented as closely as possible to the reference design (
Chapter 7), in which case the chipset
can be regarded as a functional ‘black box’, and no further details regarding the STV0681-sensor
interface are required.
4.2
Memory interface
STV0681 is designed to interface to an external 16Mbit or 64Mbit SDRAM (see
Table 1). The
SDRAM device must have a 16 bit wide data bus and operate from a 3.3V supply. Two sizes of
SDRAM memory are supported by STV0681, 16MBits (1M x 16 bits wide) or 64MBits (4M x 16 bits
wide), the memory size is auto-detected by STV0681. STV0681 clocks the SDRAM at 6MHz,
typically this is well below the figures offered by most manufacturers’ devices.
4.2.1
SDRAM current consumption
For maximum system battery life while no pictures are being taken, and to meet requirements for
USB compliance, an SDRAM should be chosen with the lowest possible self refresh current
specification.
In addition, the USB suspend mode current specification requires that the camera consumes less
than 300
µA when un-tethered. Meeting this specification, which is included in the requirements for
USB compliance, assumes an SDRAM with up to approximately 250
µA self-refresh current, based
on a current consumption of approximately 50
µA for STV0681 + support circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com