Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 11Page - STMicroelectronics VV6501 Datasheet HTML 12Page - STMicroelectronics VV6501 Datasheet HTML 13Page - STMicroelectronics VV6501 Datasheet HTML 14Page - STMicroelectronics VV6501 Datasheet HTML 15Page - STMicroelectronics VV6501 Datasheet HTML 16Page - STMicroelectronics VV6501 Datasheet HTML 17Page - STMicroelectronics VV6501 Datasheet HTML 18Page - STMicroelectronics VV6501 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
ADCS 7283313C
15/44
STV0681
Camera Modes of Operation
3
Camera Modes of Operation
This section refers to the two switches as discussed in section
Section 2.2.1
q
“Mode”: connects GPIO0 pin of STV0681 to GND when pressed
q
“Shutter”: connects GPIO1 pin of STV0681 to GND when pressed
Pressing the mode switch repeatedly cycles through a series of modes as displayed on the LCD.
When a given mode is displayed it may be selected by pressing the shutter button. If an option is not
selected within 5 seconds, the display reverts to showing the number of available pictures.
3.1
Modes available
Figure 3: STV0681 modes (CIF camera with 16Mbit SDRAM assumed)
Normal: 20 / 80
Audio Record: Ar
Audio Playback: AP
Delete Last: dA / dP / dC
Continuous Capture: Ct
Self-Timer: St
Clear All: CL
Resolution: Hr / Lr
Notes:
1. Audio Record only available if audio hardware is fitted
2. Audio Playback only available once an audio clip has been recorded
3. Delete Last displays (only available if audio hardware fitted)
dA - if the last object is an audio clip
dP - if the last object is a picture
dC - if the last object is a continuous capture clip
Themodeis inhibited if thecamera is empty.
4. Continuous Capture mode is inhibited when the flashgun is enabled
(SW6 down)
Press Mode button
After 30sec of inactivity
Standby mode (untethered)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com