Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 29Page - STMicroelectronics VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
ADCS 7283313C
33/44
STV0681
Detailed Chipset Specifications
7.5
DC characteristics
7.6
PLL characteristics
7.7
Crystal tolerance
Table 11: STV0681 DC characteristics
Parameter
Description
Min.
Typ.
Max.
Units
VII
CMOS input low voltage
0.35 VDD
V
VIH
CMOS input high voltage
0.65 VDD
V
VT+
CMOS schmitt input low to high threshold voltage
2.15
V
VT-
CMOS schmitt input high to low threshold voltage
1.05
V
VT
Threshold point
1.65
V
VOH
Output high voltage
2.4
V
VOL
Output low voltage
0.4
V
Table 12: STV0681 PLL characteristics
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
Peak to peak jitters
@VCOfreq = 240MHz - 312MHz
--
--
--
500
ps
Duty cycle
--
45
50
55
%
Operating voltage range
VDD
3
3.3
3.6
V
Input low voltage
VDD=3.3V
VIL
-
0.8
V
Input high voltage
VDD=3.3V
VIH
0.7VDD
VDD
V
Pull in Time + Locking Time
Ready
--
--
0.1
ms
Output Slew Rate
CL: Output Load (pF)
Tsr(Fout)
--
0.100+0.1082*CL
--
ns
Table 13: STV0681 crystal tolerance
Parameter
Min.
Typ.
Max.
Units
Crystal specification
50/50/10/30 (12mhz Fundamental)
Crystal frequency
12.000
MHz
Frequency tolerance
50
ppm
Temperature stability
50
ppm
Operating temperature
-10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com