Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Detailed Chipset Specifications
STV0681
34/44
ADCS 7283313C
7.8
Typical current consumption of complete camera
The following data assumes that the camera has been built according to reference design referred
to in
Chapter 10. Figures are approximate and depend on actual components sources - see notes.
The sensor operates at @ 3.3V DC
Note: 1 See Table 9 from Section 7.3
2 From limited evaluation, typical self-refresh current figures of certain SDRAM chips are well below
manufacturers’ maximum specification, e.g. 100-250
µA.
3 Option included in reference design to save current consumption, which can increase battery life
and increase chances of meeting USB suspend mode compliance requirements.
Table 14: Current consumption, complete STV0681+VV6411/6501 camera
Mode
Typical
Comments
’Snapshot’/Continuous/
Self timer mode
(while un-tethered)
60mA
Assuming appropriate hardware included, power is sourced
from PC while USB connected.
’Snapshot’/Continuous/
Self timer mode
(while tethered to PC)
60mA
While playing back audio
sounds through speaker
90mA
Assuming 8
Ω speaker as explained in application note
AN1310
Standby mode
(when NOT connected to
USB)
Approx. 270µA + SDRAM
self-refresh current
(see
Note 2) + sensor
suspend mode current
Total current in this mode equals:
STV0681 standby current consumption (see
Note 1)
+ SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA).
+ Sensor suspend mode current
PC Suspend mode
(when connected to USB):
Sensor SUSPEND pin
asserted
Approx. 300µA + SDRAM
self-refresh current
(see
Note 2) + sensor
suspend mode current
Total current in this mode equals:
STV0681 Standby current consumption (see
Note 1)
+SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA)
+ 200
µA, based on 1.5k pull-up in camera and 15k pull-
down in PC.
+ Sensor suspend mode current
Standby mode
(when not connected to
USB): sensor powered off
using FET (see
Note 3)
Approx. 270µA + SDRAM
self-refresh current
(see
Note 2)
Total current in this mode equals:
STV0681 Standby current consumption (see
Note 1)
+SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA).
PC Suspend mode
(when connected to USB):
sensor powered off using
FET (see
Note 3)
Approx. 100µA + SDRAM
self-refresh current
(see
Note 2)
Total current in this mode equals:
STV0681 Standby current consumption (see
Note 1)
+SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com