Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6501 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics VV6501 Datasheet HTML 39Page - STMicroelectronics VV6501 Datasheet HTML 40Page - STMicroelectronics VV6501 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
ADCS 7283313C
37/44
STV0681
STV0681 pin description
RS232 Interface
54
TXD
Output
Serial data transmit
(For camera with USB only, this pin should be tied to
RXD)
4mA
(SL)
55
RXD
Input (S)
Serial data receive
(For camera with USB only, this pin should be tied to
TXD)
STV0680B Master Clocks and Reset
48
XIN
Input
Quartz Crystal IN
49
XOUT
Output
Quartz Crystal OUT
50
RESET
Input (S)
Active (LOW) STV0680B reset
System Memory (SDRAM) Interface
20
DQMU
Output
Data input/output mask for dram_DQ[15:8]
2mA
(SL)
22
DCLK
Output
Clock: all SDRAM input signals are sampled on the
positive edge
4mA
(SL)
24
CKE
Output
Clock enable: activates (HIGH) and deactivates
(LOW) the SDRAM CLK signal
2mA
(SL)
32
AD0
Output
SDRAM address A0
2mA
(SL)
34
AD1
Output
SDRAM address A1
2mA
(SL)
36
AD2
Output
SDRAM address A2
2mA
(SL)
40
AD3
Output
SDRAM address A3
2mA
(SL)
41
AD4
Output
SDRAM address A4
2mA
(SL)
37
AD5
Output
SDRAM address A5
2mA
(SL)
35
AD6
Output
SDRAM address A6
2mA
(SL)
33
AD7
Output
SDRAM address A7
2mA
(SL)
31
AD8
Output
SDRAM address A8
2mA
(SL)
29
AD9
Output
SDRAM address A9
2mA
(SL)
30
AD10
Output
SDRAM address A10
2mA
(SL)
27
AD11
Output
SDRAM address A11 for 64M SDRAM or BA for 16M
SDRAM
2mA
(SL)
26
AD12
Output
SDRAM address A12, BA0 for 64M SDRAM, unused
on 16M
2mA
(SL)
Table 15: STV0681 pin listing
Pin no.
Signal
Type
Description
drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com