Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 330Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 331Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 332Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 333Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 334Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 335Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 336Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 337Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 310 of 1200
REJ09B0344-0200
9.3.4
DMA Channel Control Registers (CHCR)
The DMA channel control registers (CHCR) are 32-bit readable/writable registers that control
DMA transfer mode.
The DO, AM, AL, DL, and DS bits which specify the DREQ and DACK external pin functions
can be read and written to in channels 0 to 3, but they are reserved in channels 4 to 7. The TL bit
which specifies the TEND external pin function can be read and written to in channels 0 and 1, but
it is reserved in channels 2 to 7.
CHCR is initialized to H'00000000 by a reset and retains the value in software standby mode and
module standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R
R
R/W
R
R
R
R
R/W
R/W
R
R
R/(W)* R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W R/(W)* R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
Note:
Only 0 can be written to clear the flag after 1 is read.
*
TC
-
-
RLD
-
-
-
-
DO
TL
-
-
HE
HIE
AM
AL
DM[1:0]
SM[1:0]
RS[3:0]
DL
DS
TB
TS[1:0]
IE
TE
DE
Bit
Bit Name
Initial
Value
R/W
Descriptions
31
TC
0
R/W
Transfer Count Mode
Specifies whether to transmit data once or for the
count specified in DMATCR by one transfer request.
Note that when this bit is set to 0, the TB bit must not
be set to 1 (burst mode). When the SCIF or IIC3 is
selected for the transfer request source, this bit (TC)
must not be set to 1.
0: Transmits data once by one transfer request
1: Transmits data for the count specified in DMATCR
by one transfer request
30, 29
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com