Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 332Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 333Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 334Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 335Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 336Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 337Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 338Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 339Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 312 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Descriptions
19
HE
0
R/(W)* Half-End Flag
This bit is set to 1 when the transfer count reaches half
of the DMATCR value that was specified before
transfer starts.
If DMA transfer ends because of an NMI interrupt, a
DMA address error, or clearing of the DE bit or the
DME bit in DMAOR before the transfer count reaches
half of the initial DMATCR value, the HE bit is not set
to 1. If DMA transfer ends due to an NMI interrupt, a
DMA address error, or clearing of the DE bit or the
DME bit in DMAOR after the HE bit is set to 1, the bit
remains set to 1.
To clear the HE bit, write 0 to it after HE = 1 is read.
0: DMATCR > (DMATCR set before transfer starts)/2
during DMA transfer or after DMA transfer is
terminated
[Clearing condition]
• Writing 0 after reading HE = 1.
1: DMATCR
≤ (DMATCR set before transfer starts)/2
18
HIE
0
R/W
Half-End Interrupt Enable
Specifies whether to issue an interrupt request to the
CPU when the transfer count reaches half of the
DMATCR value that was specified before transfer
starts.
When the HIE bit is set to 1, the DMAC requests an
interrupt to the CPU when the HE bit becomes 1.
0: Disables an interrupt to be issued when DMATCR
= (DMATCR set before transfer starts)/2
1: Enables an interrupt to be issued when DMATCR
= (DMATCR set before transfer starts)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com