Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 333Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 334Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 335Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 336Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 337Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 338Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 339Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 340Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 313 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Descriptions
17
AM
0
R/W
Acknowledge Mode
Specifies whether DACK is output in data read cycle or
in data write cycle in dual address mode.
In single address mode, DACK is always output
regardless of the specification by this bit.
This bit is valid only in CHCR_0 to CHCR_3. This bit is
reserved in CHCR_4 to CHCR_7; it is always read as
0 and the write value should always be 0.
0: DACK output in read cycle (dual address mode)
1: DACK output in write cycle (dual address mode)
16
AL
0
R/W
Acknowledge Level
Specifies the DACK (acknowledge) signal output is
high active or low active.
This bit is valid only in CHCR_0 to CHCR_3. This bit is
reserved in CHCR_4 to CHCR_7; it is always read as
0 and the write value should always be 0.
0: Low-active output from DACK
1: High-active output from DACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com