Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 337Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 338Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 339Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 340Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 341Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 342Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 343Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 344Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 317 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Descriptions
1
TE
0
R/(W)* Transfer End Flag
This bit is set to 1 when DMATCR becomes 0 and
DMA transfer ends.
The TE bit is not set to 1 in the following cases.
• DMA transfer ends due to an NMI interrupt or
DMA address error before DMATCR becomes 0.
• DMA transfer is ended by clearing the DE bit and
DME bit in DMA operation register (DMAOR).
To clear the TE bit, write 0 after reading TE = 1.
Even if the DE bit is set to 1 while this bit is set to 1,
transfer is not enabled.
0: During the DMA transfer or DMA transfer has been
terminated
[Clearing condition]
• Writing 0 after reading TE = 1
1: DMA transfer ends by the specified count
(DMATCR = 0)
0
DE
0
R/W
DMA Enable
Enables or disables the DMA transfer. In auto-request
mode, DMA transfer starts by setting the DE bit and
DME bit in DMAOR to 1. In this case, all of the bits
TE, NMIF in DMAOR, and AE must be 0. In an
external request or peripheral module request, DMA
transfer starts if DMA transfer request is generated by
the devices or peripheral modules after setting the
bits DE and DME to 1. In this case, however, all of the
bits TE, NMIF, and AE must be 0 as in the case of
auto-request mode. Clearing the DE bit to 0 can
terminate the DMA transfer.
0: DMA transfer disabled
1: DMA transfer enabled
Note:
*
Only 0 can be written to clear the flag after 1 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com