Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 334Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 335Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 336Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 337Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 338Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 339Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 340Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 341Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 314 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Descriptions
15,14
DM[1:0]
00
R/W
Destination Address Mode
These bits select whether the DMA destination
address is incremented, decremented, or left fixed. (In
single address mode, DM1 and DM0 bits are ignored
when data is transferred to an external device with
DACK.)
00: Fixed destination address (Setting prohibited in 16-
byte transfer)
01: Destination address is incremented (+1 in 8-bit
transfer, +2 in 16-bit transfer, +4 in 32-bit transfer,
+16 in 16-byte transfer)
10: Destination address is decremented (–1 in 8-bit
transfer, –2 in 16-bit transfer, –4 in 32-bit transfer,
setting prohibited in 16-byte transfer)
11: Setting prohibited
13, 12
SM[1:0]
00
R/W
Source Address Mode
These bits select whether the DMA source address is
incremented, decremented, or left fixed. (In single
address mode, SM1 and SM0 bits are ignored when
data is transferred from an external device with
DACK.)
00: Fixed source address (Setting prohibited in 16-
byte-unit transfer)
01: Source address is incremented (+1 in byte-unit
transfer, +2 in word-unit transfer, +4 in longword-
unit transfer, +16 in 16-byte-unit transfer)
10: Source address is decremented (–1 in byte-unit
transfer, –2 in word-unit transfer, –4 in longword-
unit transfer, setting prohibited in 16-byte-unit
transfer)
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com