Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 336Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 337Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 338Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 339Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 340Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 341Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 342Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 343Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 316 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Descriptions
7
6
DL
DS
0
0
R/W
R/W
DREQ Level
DREQ Edge Select
These bits specify the sampling method of the DREQ
pin input and the sampling level.
These bits are valid only in CHCR_0 to CHCR_3.
These bits are reserved in CHCR_4 to CHCR_7; they
are always read as 0 and the write value should
always be 0.
If the transfer request source is specified as an on-chip
peripheral module or if an auto-request is specified, the
specification by these bits is ignored.
00: DREQ detected in low level
01: DREQ detected at falling edge
10: DREQ detected in high level
11: DREQ detected at rising edge
5
TB
0
R/W
Transfer Bus Mode
Specifies bus mode when DMA transfers data. Note
that burst mode must not be selected when TC = 0.
0: Cycle steal mode
1: Burst mode
4, 3
TS[1:0]
00
R/W
Transfer Size
These bits specify the size of data to be transferred.
Select the size of data to be transferred when the
source or destination is an on-chip peripheral module
register of which transfer size is specified.
00: Byte unit
01: Word unit (two bytes)
10: Longword unit (four bytes)
11: 16-byte unit (four longwords)
2
IE
0
R/W
Interrupt Enable
Specifies whether or not an interrupt request is
generated to the CPU at the end of the DMA transfer.
Setting this bit to 1 generates an interrupt request
(DEI) to the CPU when TE bit is set to 1.
0: Disables an interrupt request
1: Enables an interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com