Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 510 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 510 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 506Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 507Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 508Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 509Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 510Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 511Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 512Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 513Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 514Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 510 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 458 of 1102
REJ09B0294-0100
(2) PA6/
AS/AH/BS-B
The pin function is switched as shown below according to the combination of operating mode,
EXPE bit, bus controller register, port function control register (PFCR), and the PA6DDR bit
settings.
Setting
Bus
Controller
I/O Port
Module Name
Pin Function
AH_OE
BSB_OE
AS_OE
PA6DDR
AH output*
1
BS-B output*
0
1
Bus controller
AS output*
(initial setting E)
0
0
1
PA6 output
0
0
0
1
I/O port
PA6 input
(initial setting S)
0
0
0
0
[Legend]
Initial setting E:
Initial setting in external extended mode
Initial setting S:
Initial setting in single-chip mode
Note:
*
Valid in external extended mode (EXPE = 1)
(3) PA5/
RD
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, and the PA5DDR bit settings.
Setting
MCU Operating Mode
I/O Port
Module Name
Pin Function
EXPE
PA5DDR
Bus controller
RD output*
(Initial setting E)
1
PA5 output
0
1
I/O port
PA5 input
(initial setting S)
0
0
[Legend]
Initial setting E:
Initial setting in external extended mode
Initial setting S:
Initial setting in single-chip mode
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com