Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 512 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 512 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 508Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 509Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 510Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 511Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 512Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 513Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 514Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 515Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 516Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 460 of 1102
REJ09B0294-0100
(5) PA3/
LLWR/LLB
The pin function is switched as shown below according to the combination of operating mode,
EXPE bit, bus controller register, and the PA3DDR bit settings.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
LLB_OE*2
LLWR_OE*2
PA3DDR
LLB output*1
1
Bus controller
LLWR output*1
(initial setting E)
1
PA3 output
0
0
1
I/O port
PA3 input
(initial setting S)
0
0
0
[Legend]
Initial setting E:
Initial setting in external extended mode
Initial setting S:
Initial setting in single-chip mode
Notes: 1. Valid in external extended mode (EXPE = 1)
2. If the byte control SRAM space is accessed, this pin functions as the
LLB output;
otherwise, the
LLWR.
(6) PA2/
BREQ/WAIT
The pin function is switched as shown below according to the combination of the bus controller
register setting and the PA2DDR bit setting.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
BCR_BRLE
BCR_WAITE
PA2DDR
BREQ input
1
Bus controller
WAIT input
0
1
PA2 output
0
0
1
I/O port
PA2 input
(initial setting)
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com