Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 700 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 700 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 696Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 697Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 698Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 699Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 700Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 701Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 702Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 703Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 704Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 700 / 1158 page
background image
Section 14 Watchdog Timer (WDT)
Rev.1.00 Jun. 07, 2006 Page 648 of 1102
REJ09B0294-0100
14.4.2
Interval Timer Mode
To use the WDT as an interval timer, set the WT/
IT bit to 0 and the TME bit to 1 in TCSR.
When the WDT is used as an interval timer, an interval timer interrupt (WOVI) is generated each
time the TCNT overflows. Therefore, an interrupt can be generated at intervals.
When the TCNT overflows in interval timer mode, an interval timer interrupt (WOVI) is requested
at the same time the OVF bit in the TCSR is set to 1.
TCNT value
H'00
Time
H'FF
WT/
IT = 0
TME = 1
WOVI
Overflow
Overflow
Overflow
Overflow
[Legend]
WOVI: Interval timer interrupt request
WOVI
WOVI
WOVI
Figure 14.3 Operation in Interval Timer Mode
14.5
Interrupt Source
During interval timer mode operation, an overflow generates an interval timer interrupt (WOVI).
The interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. The OVF flag
must be cleared to 0 in the interrupt handling routine.
Table 14.2
WDT Interrupt Source
Name
Interrupt Source
Interrupt Flag
DTC Activation
WOVI
TCNT overflow
OVF
Impossible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com