Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 697Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 698Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 699Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 700Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 701Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 702Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 703Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 704Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 1158 page
background image
Section 14 Watchdog Timer (WDT)
Rev.1.00 Jun. 07, 2006 Page 649 of 1102
REJ09B0294-0100
14.6
Usage Notes
14.6.1
Notes on Register Access
The watchdog timer's TCNT, TCSR, and RSTCSR registers differ from other registers in being
more difficult to write to. The procedures for writing to and reading these registers are given
below.
(1) Writing to TCNT, TCSR, and RSTCSR
TCNT and TCSR must be written to by a word transfer instruction. They cannot be written to by a
byte transfer instruction.
For writing, TCNT and TCSR are assigned to the same address. Accordingly, perform data
transfer as shown in figure 14.4. The transfer instruction writes the lower byte data to TCNT or
TCSR.
To write to RSTCSR, execute a word transfer instruction for address H'FFA6. A byte transfer
instruction cannot be used to write to RSTCSR.
The method of writing 0 to the WOVF bit in RSTCSR differs from that of writing to the RSTE bit
in RSTCSR. Perform data transfer as shown in figure 14.4.
At data transfer, the transfer instruction clears the WOVF bit to 0, but has no effect on the RSTE
bit. To write to the RSTE bit, perform data transfer as shown in figure 14.4. In this case, the
transfer instruction writes the value in bit 6 of the lower byte to the RSTE bit, but has no effect on
the WOVF bit.
TCNT write or writing to the RSTE bit in RSTCSR:
TCSR write:
Address: H'FFA4 (TCNT)
H'FFA6 (RSTCSR)
15
8
7
0
H'5A
Write data
Address: H'FFA4 (TCSR)
15
8
7
0
H'A5
Write data
Writing 0 to the WOVF bit in RSTCSR:
Address: H'FFA6 (RSTCSR)
15
8
7
0
H'A5
H'00
Figure 14.4 Writing to TCNT, TCSR, and RSTCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com