Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 715 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 715 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 711Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 712Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 713Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 714Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 715Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 716Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 717Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 718Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 663 of 1102
REJ09B0294-0100
Bit Functions in Normal Serial Communication Interface Mode (When SMIF in SCMR = 0):
Bit
Bit Name
Initial
Value
R/W
Description
7
C/
A
0
R/W
Communication Mode
0: Asynchronous mode
1: Clocked synchronous mode*
6
CHR
0
R/W
Character Length (valid only in asynchronous mode)
0: Selects 8 bits as the data length.
1: Selects 7 bits as the data length. LSB-first is fixed and
the MSB (bit 7) in TDR is not transmitted in
transmission.
In clocked synchronous mode, a fixed data length of 8
bits is used.
5
PE
0
R/W
Parity Enable (valid only in asynchronous mode)
When this bit is set to 1, the parity bit is added to transmit
data before transmission, and the parity bit is checked in
reception. For a multiprocessor format, parity bit addition
and checking are not performed regardless of the PE bit
setting.
4
O/
E
0
R/W
Parity Mode (valid only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.
3
STOP
0
R/W
Stop Bit Length (valid only in asynchronous mode)
Selects the stop bit length in transmission.
0: 1 stop bit
1: 2 stop bits
In reception, only the first stop bit is checked. If the
second stop bit is 0, it is treated as the start bit of the next
transmit frame.
2
MP
0
R/W
Multiprocessor Mode (valid only in asynchronous mode)
When this bit is set to 1, the multiprocessor function is
enabled. The PE bit and O/
E bit settings are invalid in
multiprocessor mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com