Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 718 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 718 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 714Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 715Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 716Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 717Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 718Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 719Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 720Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 721Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 722Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 718 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 666 of 1102
REJ09B0294-0100
15.3.6
Serial Control Register (SCR)
SCR is a register that enables/disables the following SCI transfer operations and interrupt requests,
and selects the transfer clock source. For details on interrupt requests, see section 15.9, Interrupt
Sources. Some bits in SCR have different functions in normal mode and smart card interface
mode.
• When SMIF in SCMR = 0
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
0
CKE0
0
R/W
Bit
Bit Name
Initial Value
R/W
• When SMIF in SCMR = 1
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
0
CKE0
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit Functions in Normal Serial Communication Interface Mode (When SMIF in SCMR = 0):
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1, a TXI interrupt request is
enabled.
A TXI interrupt request can be cancelled by reading 1
from the TDRE flag and then clearing the flag to 0, or by
clearing the TIE bit to 0.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt requests
are enabled.
RXI and ERI interrupt requests can be cancelled by
reading 1 from the RDRF, FER, PER, or ORER flag and
then clearing the flag to 0, or by clearing the RIE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com