Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 722 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 722 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 718Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 719Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 720Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 721Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 722Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 723Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 724Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 725Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 726Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 670 of 1102
REJ09B0294-0100
Bit Functions in Smart Card Interface Mode (When SMIF in SCMR = 1):
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1,a TXI interrupt request is
enabled.
A TXI interrupt request can be cancelled by reading 1
from the TDRE flag and then clearing the flag to 0, or by
clearing the TIE bit to 0.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt requests
are enabled.
RXI and ERI interrupt requests can be cancelled by
reading 1 from the RDRF, FER, PER, or ORER flag and
then clearing the flag to 0, or by clearing the RIE bit to 0.
5
TE
0
R/W
Transmit Enable
When this bit is set to 1, transmission is enabled. Under
this condition, serial transmission is started by writing
transmit data to TDR, and clearing the TDRE flag in SSR
to 0. Note that SMR should be set prior to setting the TE
bit to 1 in order to designate the transmission format.
If transmission is halted by clearing this bit to 0, the
TDRE flag in SSR is fixed 1.
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled. Under this
condition, serial reception is started by detecting the start
bit in asynchronous mode or the synchronous clock input
in clocked synchronous mode. Note that SMR should be
set prior to setting the RE bit to 1 in order to designate
the reception format.
Even if reception is halted by clearing this bit to 0, the
RDRF, FER, PER, and ORER flags are not affected and
the previous value is retained.
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (valid only when the MP
bit in SMR is 1 in asynchronous mode)
Write 0 to this bit in smart card interface mode.
2
TEIE
0
R/W
Transmit End Interrupt Enable
Write 0 to this bit in smart card interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com