Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 728Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 729Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 730Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 731Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 732Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 733Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 734Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 735Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 680 of 1102
REJ09B0294-0100
15.3.8
Smart Card Mode Register (SCMR)
SCMR selects smart card interface mode and its format.
7
1
6
1
5
1
4
1
1
1
Bit
Bit Name
Initial Value
R/W
3
SDIR
0
R/W
2
SINV
0
R/W
0
SMIF
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 1
Reserved
These bits are always read as 1.
3
SDIR
0
R/W
Smart Card Data Transfer Direction
Selects the serial/parallel conversion format.
0: Transfer with LSB-first
1: Transfer with MSB-first
This bit is valid only when the 8-bit data format is used for
transmission/reception; when the 7-bit data format is
used, data is always transmitted/received with LSB-first.
2
SINV
0
R/W
Smart Card Data Invert
Inverts the transmit/receive data logic level. This bit does
not affect the logic level of the parity bit. To invert the
parity bit, invert the O/
E bit in SMR.
0: TDR contents are transmitted as they are. Receive
data is stored as it is in RDR.
1: TDR contents are inverted before being transmitted.
Receive data is stored in inverted form in RDR.
1
1
Reserved
This bit is always read as 1.
0
SMIF
0
R/W
Smart Card Interface Mode Select
When this bit is set to 1, smart card interface mode is
selected.
0: Normal asynchronous or clocked synchronous mode
1: Smart card interface mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com