Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 735 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 735 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 731Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 732Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 733Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 734Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 735Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 736Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 737Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 738Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 683 of 1102
REJ09B0294-0100
Operating Frequency P
φ (MHz)
12.288
14
14.7456
16
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
217
0.08
2
248
–0.17
3
64
0.70
3
70
0.03
150
2
159
0.00
2
181
0.16
2
191
0.00
2
207
0.16
300
2
79
0.00
2
90
0.16
2
95
0.00
2
103
0.16
600
1
159
0.00
1
181
0.16
1
191
0.00
1
207
0.16
1200
1
79
0.00
1
90
0.16
1
95
0.00
1
103
0.16
2400
0
159
0.00
0
181
0.16
0
191
0.00
0
207
0.16
4800
0
79
0.00
0
90
0.16
0
95
0.00
0
103
0.16
9600
0
39
0.00
0
45
–0.93
0
47
0.00
0
51
0.16
19200
0
19
0.00
0
22
–0.93
0
23
0.00
0
25
0.16
31250
0
11
2.40
0
13
0.00
0
14
–1.70
0
15
0.00
38400
0
9
0.00
0
11
0.00
0
12
0.16
Note:
In SCI_2, 5, and 6, this is an example when the ABCS bit in SEMR_2, 5, and 6 is 0.
When the ABCS bit is set to 1, the bit rate is two times.
Table 15.4
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2)
Operating Frequency P
φ (MHz)
17.2032
18
19.6608
20
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
3
75
0.48
3
79
–0.12
3
86
0.31
3
88
–0.25
150
2
223
0.00
2
233
0.16
2
255
0.00
3
64
0.16
300
2
111
0.00
2
116
0.16
2
127
0.00
2
129
0.16
600
1
223
0.00
1
233
0.16
1
255
0.00
2
64
0.16
1200
1
111
0.00
1
116
0.16
1
127
0.00
1
129
0.16
2400
0
223
0.00
0
233
0.16
0
255
0.00
1
64
0.16
4800
0
111
0.00
0
116
0.16
0
127
0.00
0
129
0.16
9600
0
55
0.00
0
58
–0.69
0
63
0.00
0
64
0.16
19200
0
27
0.00
0
28
1.02
0
31
0.00
0
32
–1.36
31250
0
16
1.20
0
17
0.00
0
19
–1.70
0
19
0.00
38400
0
13
0.00
0
14
–2.34
0
15
0.00
0
15
1.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com