Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 738 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 738 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 734Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 735Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 736Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 737Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 738Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 739Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 740Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 741Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 742Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 738 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 686 of 1102
REJ09B0294-0100
Table 15.7
BRR Settings for Various Bit Rates (Clocked Synchronous Mode)*
2
Operating Frequency P
φ (MHz)
8
10
16
20
25
30
33
35
Bit Rate
(bit/s)
n
N
n
N
n
N
n
N
n
N
n
N
n
N
n
N
110
250
3
124 —
—
3
249
500
2
249 —
—
3
124 —
—
3
233
1k
2
124 —
—
2
249 —
—
3
97
3
116 3
128 3
136
2.5k
1
199 1
249 2
99
2
124 2
155 2
187 2
205 2
218
5k
1
99
1
124 1
199 1
249 2
77
2
93
2
102 2
108
10k
0
199 0
249 1
99
1
124 1
155 1
187 1
205 1
218
25k
0
79
0
99
0
159 0
199 0
249 1
74
1
82
1
87
50k
0
39
0
49
0
79
0
99
0
124 0
149 0
164 0
174
100k
0
19
0
24
0
39
0
49
0
62
0
74
0
82
0
87
250k
0
7
0
9
0
15
0
19
0
24
0
29
0
32
0
34
500k
0
3
0
4
0
7
0
9
—
—
0
14
—
—
—
—
1M
0
1
0
3
0
4
—
—
—
—
—
—
—
—
2.5M
0
0*
1
0
1
—
—
0
2
—
—
—
—
5M
0
0*
1
—
—
—
—
—
—
—
—
[Legend]
Space: Setting prohibited.
:
Can be set, but there will be error.
Notes: 1. Continuous transmission or reception is not possible.
2. No clocked synchronous mode exists in SCI_5 and SCI_6.
Table 15.8
Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode)*
P
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
P
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
8
1.3333
1333333.3
20
3.3333
3333333.3
10
1.6667
1666666.7
25
4.1667
4166666.7
12
2.0000
2000000.0
30
5.0000
5000000.0
14
2.3333
2333333.3
33
5.5000
5500000.0
16
2.6667
2666666.7
35
5.8336
5833625.0
18
3.0000
3000000.0
Note
*
No clocked synchronous mode exists in SCI_5 and SCI_6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com