Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 741 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 741 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 737Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 738Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 739Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 740Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 741Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 742Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 743Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 744Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 689 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
ACS2
ACS1
ACS0
0
0
0
R/W
R/W
R/W
Asynchronous Mode Clock Source Select (valid when
CKE1 = 1 in asynchronous mode)
These bits select the clock source for the average
transfer rate function. When the average transfer rate
function is enabled, the base clock is automatically
specified regardless of the ABCS bit value.
000: External clock input
001: 115.192 kbps of average transfer rate specific to
P
φ = 10.667 MHz is selected (operated using the
base clock with a frequency 16 times the transfer
rate)
010: 460.784 kbps of average transfer rate specific to
P
φ = 10.667 MHz is selected (operated using the
base clock with a frequency 8 times the transfer
rate)
011: 720 kbps of average transfer rate specific to P
φ =
32 MHz is selected (operated using the base clock
with a frequency 16 times the transfer rate)
100: Setting prohibited
101: 115.192 kbps of average transfer rate specific to
P
φ = 16 MHz is selected (operated using the base
clock with a frequency 16 times the transfer rate)
110: 460.784 kbps of average transfer rate specific to
P
φ = 16 MHz is selected (operated using the base
clock with a frequency 16 times the transfer rate)
111: 720 kbps of average transfer rate specific to P
φ =
16 MHz is selected (operated using the base clock
with a frequency 8 times the transfer rate)
The average transfer rate only supports operating
frequencies of 10.667 MHz, 16 MHz, and 32 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com