Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 749 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 749 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 745Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 746Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 747Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 748Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 749Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 750Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 751Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 752Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 697 of 1102
REJ09B0294-0100
15.3.12
IrDA Control Register (IrCR)
IrCR selects the function of SCI_5.
7
IrE
0
R/W
6
IrCKS2
0
R/W
5
IrCKS1
0
R/W
4
IrCKS0
0
R/W
Bit
Bit Name
Initial Value
R/W
3
IrTxINV
0
R/W
2
IrRxINV
0
R/W
1
0
0
0
Bit
Bit Name
Initial
Value
R/W
Description
7
IrE
0
R/W
IrDA Enable
Sets the SCI_5 I/O to normal SCI or IrDA.
0: TxD5/IrTxD and RxD5/IrRxD pins operate as
TxD5 and RxD5.
1: TxD5/IrTxD and RxD5/IrRxD pins are operate as
IrTxD and IrRxD.
6
5
4
IrCK2
IrCK1
IrCK0
0
0
0
R/W
R/W
R/W
IrDA Clock Select 2 to 0
Sets the pulse width of high state at encoding the IrTxD
output pulse when the IrDA function is enabled.
000: Pulse-width = B
× 3/16 (Bit rate × 3/16)
001: Pulse-width = P
φ/2
010: Pulse-width = P
φ/4
011: Pulse-width = P
φ/8
100: Pulse-width = P
φ/16
101: Pulse-width = P
φ/32
110: Pulse-width = P
φ/64
111: Pulse-width = P
φ/128
3
IrTxINV
0
R/W
IrTx Data Invert
This bit specifies the inversion of the logic level in IrTxD
output. When inversion is done, the pulse width of high
state specified by the bits 6 to 4 becomes the pulse
width in low state.
0: Outputs the transmission data as it is as IrTxD output
1: Outputs the inverted transmission data as IrTxD
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com