Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 750 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 750 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 746Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 747Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 748Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 749Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 750Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 751Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 752Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 753Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 754Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 750 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 698 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
IrRxINV
0
R/W
IrRx Data Invert
This bit specifies the inversion of the logic level in IrRxD
output. When inversion is done, the pulse width of high
state specified by the bits 6 to 4 becomes the pulse
width in low state.
0: Uses the IrRxD input data as it is as receive data.
1: Uses the inverted IrRxD input data as receive data.
1, 0
All 0
—
Reserved
These bits are always read as 0. It should not be set to
0.
15.4
Operation in Asynchronous Mode
Figure 15.5 shows the general format for asynchronous serial communication. One frame consists
of a start bit (low level), transmit/receive data, a parity bit, and stop bits (high level). In
asynchronous serial communication, the communication line is usually held in the mark state
(high level). The SCI monitors the communication line, and when it goes to the space state (low
level), recognizes a start bit and starts serial communication. Inside the SCI, the transmitter and
receiver are independent units, enabling full-duplex communication. Both the transmitter and the
receiver also have a double-buffered structure, so that data can be read or written during
transmission or reception, enabling continuous data transmission and reception.
LSB
Start
bit
MSB
Idle state
(mark state)
Stop bit
0
Transmit/receive data
D0
D1
D2
D3
D4
D5
D6
D7
0/1
1
1
1
1
Serial
data
Parity
bit
1 bit
1 or
2 bits
7 or 8 bits
1 bit,
or none
One unit of transfer data (character or frame)
Figure 15.5 Data Format in Asynchronous Communication
(Example with 8-Bit Data, Parity, Two Stop Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com