Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 840 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 840 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 836Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 837Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 838Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 839Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 840Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 841Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 842Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 843Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 844Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 840 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 788 of 1102
REJ09B0294-0100
16.5
Operation
16.5.1
Cable Connection
USB function
Application
Cable disconnected
VBUS pin = 0 V
UDC core reset
USB cable connection
IFR1.VBUSF = 1
USB bus connection interrupt
UDC core reset release
Bus reset reception
IFR0.BRST = 1
Bus reset interrupt
Wait for setup command
reception complete interrupt
General output port
D+ pull-up enabled?
USB module interrupt
setting
As soon as preparations are
completed, enable D+ pull-up
in general output port
Clear VBUSF flag
(IFR1.VBUSF)
Firmware preparations for
start of USB communication
Clear bus reset flag
(IFR0.BRST)
Clear FIFOs
(EP0, EP1, EP2, EP3)
Yes
No
Initial
settings
Wait for setup command
reception complete interrupt
Interrupt request
Interrupt request
Figure 16.2 Cable Connection Operation
The above flowchart shows the operation in the case of in section 16.9, Example of USB External
Circuitry.
In applications that do not require USB cable connection to be detected, processing by the USB
bus connection interrupt is not necessary. Preparations should be made with the bus-reset
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com