Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 842 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 842 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 838Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 839Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 840Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 841Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 842Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 843Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 844Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 845Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 846Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 790 of 1102
REJ09B0294-0100
16.5.3
Suspend and Resume Operations
(1) Suspend Operation
If the USB bus enters the suspend state from the non-suspend state, perform the operation as
shown in figure 16.4.
USB cable connected
Bus idle of 3 ms or
more occurs
Suspend/resume
interrupt occurs
(IFR2/SURSF = 1)
RESUME
Remote
wakeup enabled?
(CTLR/RWUPS = 1?)
Clear SURSF in IFR2 to 0
Check if SURSS in IFR2
is set to 1
Clear SURSE in IER2 to 0
Wait for suspend/
resume interrupt
Yes
Yes
No
No
Enter software
standby mode
Check remote-wakeup
function enabled
System needs to
enter power-down
mode?
Check remote-wakeup
function disabled
Yes
No
Need to enter
software standby
mode?
USB function
Application
Set SURSE in IER2 to 1
Set SSRSME in IER2 to 1
Clear SSRSME in IER2 to 0
USB module stop
Figure 16.4 Suspend Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com