Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 864 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 864 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 860Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 861Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 862Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 863Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 864Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 865Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 866Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 867Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 868Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 812 of 1102
REJ09B0294-0100
Notes:
1.
2.
To protect this LSI from being damaged, use the IC (such as HD74LV-A Series) which can
be applied voltage even when the system power is turned off.
Prevent noise from the VBUS pin while the USB is performing communication.
Vcc
VBUS
(5 V)
Vcc
(3.3 V)
DrVCC
(3.3 V)
USD+
D+
VBUS*2
PM4
Vcc
*1
Vcc
*1
USD-
DrVSS
Vss
GND
D-
USB connector
On-chip transceiver
External pull-up
control circuit
supporting full-speed
PULLUP_E
USB
1.5 k
Ω
Figure 16.23 Example of Circuitry in Self Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com