Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 867 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 867 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 863Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 864Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 865Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 866Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 867Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 868Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 869Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 870Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 871Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 815 of 1102
REJ09B0294-0100
16.10.7
Restrictions on Peripheral Module Clock (P
φ) Operating Frequency
Specify the peripheral module clock (P
φ) for the USB at 14 MHz or more. To set the USB
dedicated clock (cku) at 48 MHz, specify the peripheral module clock (P
φ) as shown in table 16.8.
Operation cannot be guaranteed if any frequency other than in the following table is specified.
Table 16.8
Selection of Peripheral Clock (P
φ) when USB is Connected
MD_CLK
EXTAL Input Clock
Frequency
USB Dedicated Clock
(cku: 48 MHz)
P
φ
0
12 MHz
EXTAL
× 4
EXTAL
× 2 (24 MHz)
EXTAL
× 1 (16 MHz)
1
16 MHz
EXTAL
× 3
EXTAL
× 2 (32 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com