Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 874 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 874 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 870Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 871Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 872Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 873Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 874Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 875Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 876Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 877Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 878Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 874 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 822 of 1102
REJ09B0294-0100
Table 17.2
Transfer Rate
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate
CKS3
CKS2
CKS1
CKS0
Clock
P
φ =
8 MHz
P
φ =
10 MHz
P
φ =
20 MHz
P
φ =
25 MHz
P
φ =
33 MHz
0
0
0
0
P
φ/28
286 kHz
357 kHz
714 kHz
893 kHz
1179 kHz
1
P
φ/40
200 kHz
250 kHz
500 kHz
625 kHz
825 kHz
1
0
P
φ/48
167 kHz
208 kHz
417 kHz
521 kHz
688 kHz
1
P
φ/64
125 kHz
156 kHz
313 kHz
391 kHz
516 kHz
1
0
0
P
φ/168
47.6 kHz
59.5 kHz
119 kHz
149 kHz
196 kHz
1
P
φ/100
80.0 kHz
100 kHz
200 kHz
250 kHz
330 kHz
1
0
P
φ/112
71.4 kHz
89.3 kHz
179 kHz
223 kHz
295 kHz
1
P
φ/128
62.5 kHz
78.1 kHz
156 kHz
195 kHz
258 kHz
1
0
0
0
P
φ/56
143 kHz
179 kHz
357 kHz
446 kHz
589 kHz
1
P
φ/80
100 kHz
125 kHz
250 kHz
313 kHz
413 kHz
1
0
P
φ/96
83.3 kHz
104 kHz
208 kHz
260 kHz
344 kHz
1
P
φ/128
62.5 kHz
78.1 kHz
156 kHz
195 kHz
258 kHz
1
0
0
P
φ/336
23.8 kHz
29.8 kHz
59.5 kHz
74.4 kHz
98.2 kHz
1
P
φ/200
40.0 kHz
50.0 kHz
100 kHz
125 kHz
165 kHz
1
0
P
φ/224
35.7 kHz
44.6 kHz
89.3 kHz
112 kHz
147 kHz
1
P
φ/256
31.3 kHz
39.1 kHz
78.1 kHz
97.7 kHz
129 kHz
17.3.2
I
2C Bus Control Register B (ICCRB)
ICCRB issues start/stop condition, manipulates the SDA pin, monitors the SCL pin, and controls
reset in the I
2C control module.
Bit
Bit Name
Initial Value
R/W
7
BBSY
0
R/W
6
SCP
1
R/W
5
SDAO
1
R
4
1
R/W
3
SCLO
1
R
2
1
1
IICRST
0
R/W
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com