Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 877 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 877 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 873Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 874Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 875Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 876Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 877Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 878Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 879Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 880Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 881Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 825 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
BC2
BC1
BC0
0
0
0
R/W
R/W
R/W
Bit Counter 2 to 0
These bits specify the number of bits to be transferred
next. The settings of these bits should be made during
intervals between transfer frames. When setting these
bits to a value other than 000, the setting should be
made while the SCL line is low. The value return to 000
at the end of a data transfer including the acknowledge
bit.
000: 9
001: 2
010: 3
011: 4
100: 5
101: 6
110: 7
111: 8
I
2C control module can be reset without setting the
ports and initializing the registers.
17.3.4
I
2C Bus Interrupt Enable Register (ICIER)
ICIER enables or disables interrupt sources and the acknowledge bits, sets the acknowledge bits to
be transferred, and confirms the acknowledge bit to be received.
Bit
Bit Name
Initial Value
R/W
7
TIE
0
R/W
6
TEIE
0
R/W
5
RIE
0
R/W
4
NAKIE
0
R/W
3
STIE
0
R/W
2
ACKE
0
R/W
1
ACKBR
0
R
0
ACKBT
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com