Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 921 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 921 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 917Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 918Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 919Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 920Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 921Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 922Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 923Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 924Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 925Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 921 / 1158 page
background image
Section 19 D/A Converter
Rev.1.00 Jun. 07, 2006 Page 869 of 1102
REJ09B0294-0100
19.3.2
D/A Control Register 01 (DACR01)
DACR01 controls the operation of the D/A converter.
7
DAOE1
0
R/W
6
DAOE0
0
R/W
5
DAE
0
R/W
4
1
R
3
1
R
2
1
R
1
1
R
0
1
R
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
DAOE1
0
R/W
D/A Output Enable 1
Controls D/A conversion and analog output.
0: Analog output of channel 1 (DA1) is disabled
1: D/A conversion of channel 1 is enabled. Analog output
of channel 1 (DA1) is enabled.
6
DAOE0
0
R/W
D/A Output Enable 0
Controls D/A conversion and analog output.
0: Analog output of channel 0 (DA0) is disabled
1: D/A conversion of channel 0 is enabled. Analog output
of channel 0 (DA0) is enabled.
5
DAE
0
R/W
D/A Enable
Used together with the DAOE0 and DAOE1 bits to control
D/A conversion. When this bit is cleared to 0, D/A
conversion is controlled independently for channels 0 and
1. When this bit is set to 1, D/A conversion for channels 0
and 1 is controlled together.
Output of conversion results is always controlled by the
DAOE0 and DAOE1 bits. For details, see Table 19.2,
Control of D/A Conversion.
4 to 0
All 1
R
Reserved
These are read-only bits and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com