Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 917 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 917 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 913Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 914Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 915Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 916Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 917Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 918Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 919Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 920Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 921Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 917 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 865 of 1102
REJ09B0294-0100
AVCC
*1
*1
Vref
AN0 to AN7
AVSS
Notes:
Values are reference values.
1.
2. Rin: Input impedance
Rin*2
100
Ω
0.1 µF
0.01 µF
10 µF
Figure 18.9 Example of Analog Input Protection Circuit
Table 18.6
Analog Pin Specifications
Item
Min
Max
Unit
Analog input capacitance
20
pF
Permissible signal source impedance
5
k
Ω
20 pF
To A/D converter
AN0 to AN7
10 k
Ω
Note: Values are reference values.
Figure 18.10 Analog Input Pin Equivalent Circuit
18.7.7
A/D Input Hold Function in Software Standby Mode
When this LSI enters software standby mode with A/D conversion enabled, the analog inputs are
retained, and the analog power supply current is equal to as during A/D conversion. If the analog
power supply current needs to be reduced in software standby mode, clear the ADST, TRGS1, and
TRGS0 bits all to 0 to disable A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com