Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 915 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 915 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 911Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 912Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 913Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 914Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 915Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 916Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 917Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 918Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 919Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 915 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 863 of 1102
REJ09B0294-0100
18.7
Usage Notes
18.7.1
Module Stop State Setting
Operation of the A/D converter can be disabled or enabled using the module stop control register.
The initial setting is for operation of the A/D converter to be halted. Register access is enabled by
clearing the module stop state. For details, refer to section 23, Power-Down Modes.
18.7.2
Permissible Signal Source Impedance
This LSI's analog input is designed so that the conversion accuracy is guaranteed for an input
signal for which the signal source impedance is 10 k
Ω or less. This specification is provided to
enable the A/D converter's sample-and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 10 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is
provided externally for conversion in single mode, the input load will essentially comprise only
the internal input resistance of 10 k
Ω, and the signal source impedance is ignored. However, since
a low-pass filter effect is obtained in this case, it may not be possible to follow an analog signal
with a large differential coefficient (e.g., 5 mV/
µs or greater) (see figure 18.8). When converting a
high-speed analog signal or conversion in scan mode, a low-impedance buffer should be inserted.
Equivalent circuit of the A/D converter
This LSI
20 pF
Cin =
15 pF
10 k
Ω
Low-pass
filter
C = 0.1
µF
(recommended)
Sensor output
impedance
R
≤ 10 kΩ
Sensor input
Figure 18.8 Example of Analog Input Circuit
18.7.3
Influences on Absolute Accuracy
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect absolute accuracy. Be sure to make the connection to an electrically stable GND such as
AVss.
Care is also required to insure that digital signals on the board do not interfere with filter circuits
and filter circuits do not act as antennas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com