Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 916 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 916 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 912Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 913Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 914Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 915Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 916Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 917Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 918Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 919Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 920Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 916 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 864 of 1102
REJ09B0294-0100
18.7.4
Setting Range of Analog Power Supply and Other Pins
If the conditions shown below are not met, the reliability of the LSI may be adversely affected.
• Analog input voltage range
The voltage applied to analog input pin ANn during A/D conversion should be in the range
AVss
≤ VAN ≤ Vref.
• Relation between AVcc, AVss and Vcc, Vss
As the relationship between AVcc, AVss and Vcc, Vss, set AVcc = Vcc
± 0.3 V and AVss =
Vss. If the A/D converter is not used, set AVcc = Vcc and AVss = Vss.
• Vref setting range
The reference voltage at the Vref pin should be set in the range Vref
≤ AVcc.
18.7.5
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and layout in which digital circuit signal lines and analog circuit signal lines cross or are in close
proximity should be avoided as far as possible. Failure to do so may result in incorrect operation
of the analog circuitry due to inductance, adversely affecting A/D conversion values.
Digital circuitry must be isolated from the analog input pins (AN0 to AN7), analog reference
power supply (Vref), and analog power supply (AVcc) by the analog ground (AVss). Also, the
analog ground (AVss) should be connected at one point to a stable ground (Vss) on the board.
18.7.6
Notes on Noise Countermeasures
A protection circuit connected to prevent damage due to an abnormal voltage such as an excessive
surge at the analog input pins (AN0 to AN7) should be connected between AVcc and AVss as
shown in figure 18.9. Also, the bypass capacitors connected to AVcc and the filter capacitor
connected to the AN0 to AN7 pins must be connected to AVss.
If a filter capacitor is connected, the input currents at the AN0 to AN7 pins are averaged, and so an
error may arise. Also, when A/D conversion is performed frequently, as in scan mode, if the
current charged and discharged by the capacitance of the sample-and-hold circuit in the A/D
converter exceeds the current input via the input impedance (R
in), an error will arise in the analog
input pin voltage. Careful consideration is therefore required when deciding the circuit constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com