Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 913 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 913 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 909Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 910Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 911Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 912Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 913Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 914Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 915Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 916Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 917Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 913 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 861 of 1102
REJ09B0294-0100
18.5
Interrupt Source
The A/D converter generates an A/D conversion end interrupt (ADI) at the end of A/D conversion.
Setting the ADIE bit to 1 when the ADF bit in ADCSR is set to 1 after A/D conversion is
completed enables ADI interrupt requests. The data transfer controller (DTC) can be activated by
an ADI interrupt. Having the converted data read by the DTC in response to an ADI interrupt
enables continuous conversion to be achieved without imposing a load on software.
Table 18.5
A/D Converter Interrupt Source
Name
Interrupt Source
Interrupt Flag
DTC Activation
DMAC Activation
ADI0
A/D conversion end
ADF
Possible
Possible
18.6
A/D Conversion Accuracy Definitions
This LSI's A/D conversion accuracy definitions are given below.
• Resolution
The number of A/D converter digital output codes.
• Quantization error
The deviation inherent in the A/D converter, given by 1/2 LSB (see figure 18.6).
• Offset error
The deviation of the analog input voltage value from the ideal A/D conversion characteristic
when the digital output changes from the minimum voltage value B'0000000000 (H'000) to
B'0000000001 (H'001) (see figure 18.7).
• Full-scale error
The deviation of the analog input voltage value from the ideal A/D conversion characteristic
when the digital output changes from B'1111111110 (H'3FE) to B'1111111111 (H'3FF) (see
figure 18.7).
• Nonlinearity error
The error with respect to the ideal A/D conversion characteristic between the zero voltage and
the full-scale voltage. Does not include the offset error, full-scale error, or quantization error
(see figure 18.7).
• Absolute accuracy
The deviation between the digital value and the analog input value. Includes the offset error,
full-scale error, quantization error, and nonlinearity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com