Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 948 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 948 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 944Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 945Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 946Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 947Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 948Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 949Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 950Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 951Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 952Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 948 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 896 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
WA
R/W
Write Address Error Detect
When the following items are specified as the start
address of the programming destination, an error
occurs.
• An area other than flash memory
• The specified address is not aligned with the 128-
byte boundary (lower eight bits of the address are
other than H'00 and H'80)
0: Setting of the start address of the programming
destination is normal
1: Setting of the start address of the programming
destination is abnormal
0
SF
R/W
Success/Fail
Returns the programming result.
0: Programming has ended normally (no error)
1: Programming has ended abnormally (error occurs)
(c)
Erasure
FPFR indicates the return value of the erasure result.
7
6
MD
5
EE
4
FK
3
EB
0
SF
2
1
Bit
Bit Name
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
Returns 0.
6
MD
R/W
Erasure Mode Related Setting Error Detect
Detects the error protection state and returns the result.
When the error protection state is entered, this bit is set
to 1. Whether the error protection state is entered or not
can be confirmed with the FLER bit in FCCS. For
conditions to enter the error protection state, see section
21.8.3, Error Protection.
0: Normal operation (FLER = 0)
1: Error protection state, and programming cannot be
performed (FLER = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com