Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 944 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 944 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 940Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 941Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 942Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 943Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 944Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 945Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 946Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 947Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 948Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 944 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 892 of 1102
REJ09B0294-0100
Initialization before Programming/Erasing: The on-chip program includes the initialization
program. A pulse with the specified period must be applied when programming or erasing. The
specified pulse width is made by the method in which wait loop is configured by the CPU
instruction. Accordingly, the operating frequency of the CPU must be set. The initial program is
set as a parameter of the programming/erasing program which has been downloaded to perform
these settings.
Programming: When the flash memory is programmed, the start address of the programming
destination on the user MAT and the program data must be passed to the programming program.
The start address of the programming destination on the user MAT must be stored in general
register ER1. This parameter is called the flash multipurpose address area parameter (FMPAR).
The program data is always in 128-byte units. When the program data does not satisfy 128 bytes,
128-byte program data is prepared by filling the dummy code (H'FF). The boundary of the start
address of the programming destination on the user MAT is aligned at an address where the lower
eight bits (A7 to A0) are H'00 or H'80.
The program data for the user MAT must be prepared in consecutive areas. The program data
must be in a consecutive space which can be accessed using the MOV.B instruction of the CPU
and is not in the flash memory space.
The start address of the area that stores the data to be written in the user MAT must be set in
general register ER0. This parameter is called the flash multipurpose data destination area
parameter (FMPDR).
For details on the programming procedure, see section 21.7.3, User Program Mode.
Erasure: When the flash memory is erased, the erase block number on the user MAT must be
passed to the erasing program which is downloaded.
The erase block number on the user MAT must be set in general register ER0. This parameter is
called the flash erase block select parameter (FEBS).
One block is selected from the block numbers of 0 to 13 as the erase block number.
For details on the erasing procedure, see section 21.7.3, User Program Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com