Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 942 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 942 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 938Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 939Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 940Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 941Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 942Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 943Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 944Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 945Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 946Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 942 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 890 of 1102
REJ09B0294-0100
(5) Flash Transfer Destination Address Register (FTDAR)
FTDAR specifies the start address of the on-chip RAM at which to download an on-chip program.
FTDAR must be set before setting the SCO bit in FCCS to 1.
7
TDER
0
R/W
6
TDA6
0
R/W
5
TDA5
0
R/W
4
TDA4
0
R/W
3
TDA3
0
R/W
0
TDA0
0
R/W
2
TDA2
0
R/W
1
TDA1
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
TDER
0
R/W
Transfer Destination Address Setting Error
This bit is set to 1 when an error has occurred in setting
the start address specified by bits TDA6 to TDA0.
A start address error is determined by whether the value
set in bits TDA6 to TDA0 is within the range of H'00 to
H'02 when download is executed by setting the SCO bit
in FCCS to 1. Make sure that this bit is cleared to 0
before setting the SCO bit to 1 and the value specified
by bits TDA6 to TDA0 should be within the range of
H'00 to H'02.
0: The value specified by bits TDA6 to TDA0 is within
the range.
1: The value specified by bits TDA6 to TDA0 is between
H'03 and H'FF and download has stopped.
6
5
4
3
2
1
0
TDA6
TDA5
TDA4
TDA3
TDA2
TDA1
TDA0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Transfer Destination Address
Specifies the on-chip RAM start address of the
download destination. A value between H'00 and H'02,
and up to 4 kbytes can be specified as the start address
of the on-chip RAM.
H'00:
H'FF9000 is specified as the start
address.
H'01:
H'FFA000 is specified as the start
address.
H'02:
H'FFB000 is specified as the start
address.
H'03 to H'7F: Setting prohibited.
(Specifying a value from H'03 to H'7F sets
the TDER bit to 1 and stops download of
the on-chip program.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com