Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 940 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 940 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 936Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 937Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 938Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 939Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 940Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 941Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 942Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 943Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 944Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 940 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 888 of 1102
REJ09B0294-0100
(2) Flash Program Code Select Register (FPCS)
FPCS selects the programming program to be downloaded.
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
0
PPVS
0
R/W
2
0
R
1
0
R
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
All 0
R
Reserved
These are read-only bits and cannot be modified.
0
PPVS
0
R/W
Program Pulse Verify
Selects the programming program to be downloaded.
0: Programming program is not selected.
[Clearing condition]
When transfer is completed
1: Programming program is selected.
(3) Flash Erase Code Select Register (FECS)
FECS selects the erasing program to be downloaded.
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
0
EPVB
0
R/W
2
0
R
1
0
R
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
All 0
R
Reserved
These are read-only bits and cannot be modified.
0
EPVB
0
R/W
Erase Pulse Verify Block
Selects the erasing program to be downloaded.
0: Erasing program is not selected.
[Clearing condition]
When transfer is completed
1: Erasing program is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com