Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 937 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 937 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 933Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 934Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 935Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 936Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 937Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 938Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 939Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 940Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 941Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 937 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 885 of 1102
REJ09B0294-0100
Table 21.3
Registers/Parameters and Target Modes
Register/Parameter
Down-
load
Initiali-
zation
Program-
ming
Erasure
Read
RAM
Emulation
FCCS
O
FPCS
O
FECS
O
FKEY
O
O
O
Programming/
erasing interface
registers
FTDAR
O
DPFR
O
FPFR
O
O
O
FPEFEQ
O
FMPAR
O
FMPDR
O
Programming/
erasing interface
parameters
FEBS
O
RAM emulation
RAMER
O
21.6.1
Programming/Erasing Interface Registers
The programming/erasing interface registers are 8-bit registers that can be accessed only in bytes.
These registers are initialized by a power-on reset.
(1) Flash Code Control/Status Register (FCCS)
FCCS monitors errors during programming/erasing the flash memory and requests the on-chip
program to be downloaded to the on-chip RAM.
7
1
R
6
0
R
5
0
R
4
FLER
0
R
3
0
R
0
SCO
0
(R)/W
2
0
R
1
0
R
Bit
Bit Name
Initial Value
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com