Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 935 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 935 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 931Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 932Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 933Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 934Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 935Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 936Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 937Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 938Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 939Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 935 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 883 of 1102
REJ09B0294-0100
21.5
Input/Output Pins
The flash memory is controlled through the input/output pins shown in table 21.2.
Table 21.2
Pin Configuration
Abbreviation
I/O
Function
RES
Input
Reset
EMLE
Input
On-chip emulator enable pin
(EMLE = 0 for flash memory programming/erasing)
MD3 to MD0
Input
Set operating mode of this LSI
PM2
Input
SCI boot mode/USB boot mode setting
(for boot mode setting by MD3 to MD0)
TxD4
Output
Serial transmit data output (used in SCI boot mode)
RxD4
Input
Serial receive data input (used in SCI boot mode)
USD+, USD
−
I/O
USB data I/O (used in USB boot mode)
VBUS
Input
USB cable connection/disconnection detect (used in USB boot mode)
PM3
Input
USB bus power mode/self power mode setting (used in USB boot
mode)
PM4
Output
D+ pull-up control (used in USB boot mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com