Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 931 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 931 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 927Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 928Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 929Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 930Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 931Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 932Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 933Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 934Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 935Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 931 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 879 of 1102
REJ09B0294-0100
21.3
Block Structure
21.3.1
Block Diagram of H8SX/1663
Figure 21.3 shows the block structure of the 384-kbyte user MAT. The heavy-line frames indicate
the erase blocks. The thin-line frames indicate the programming units and the values inside the
frames stand for the addresses. The user MAT is divided into five 64-kbyte blocks, one 32-kbyte
block, and eight 4-kbyte blocks. The user MAT can be erased in these divided block units.
Programming is done in 128-byte units starting from where the lower address is H'00 or H'80.
RAM emulation can be performed in the eight 4-kbyte blocks.
EB0
Erase unit: 4 kbytes
EB1
Erase unit: 4 kbytes
EB2
Erase unit: 4 kbytes
EB3
Erase unit: 4 kbytes
EB4
Erase unit: 4 kbytes
EB5
Erase unit: 4 kbytes
EB6
Erase unit: 4 kbytes
EB7
Erase unit: 4 kbytes
EB8
Erase unit: 32 kbytes
EB9
Erase unit: 64 kbytes
H'000000 H'000001 H'000002
H'00007F
H'000FFF
H'00107F
H'00207F
H'00307F
H'00407F
H'004FFF
H'00507F
H'005FFF
H'001FFF
H'002FFF
H'003FFF
H'01FFFF
H'00607F
H'006FFF
H'00707F
H'007FFF
H'00807F
H'00FFFF
H'01007F
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
H'001000 H'001001 H'001002
H'002000 H'002001 H'002002
H'003000 H'003001 H'003002
H'004000 H'004001 H'004002
H'005000 H'005001 H'005002
H'006000 H'006001 H'006002
H'007000 H'007001 H'007002
H'008000 H'008001 H'008002
H'010000 H'010001 H'010002
H'000F80 H'000F81 H'000F82
H'001F80 H'001F81 H'001F82
H'002F80 H'002F81 H'002F82
H'003F80 H'003F81 H'003F82
H'004F80 H'004F81 H'004F82
H'00FF80 H'00FF81 H'00FF82
H'01FF80 H'01FF81 H'01FF82
H'005F80 H'005F81 H'005F82
H'006F80 H'006F81 H'006F82
H'007F80 H'007F81 H'007F82
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
EB10
EB13
Erase unit: 64 kbytes
H'05FFFF
H'02007F
H'05007F
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
H'020000 H'020001 H'020002
H'050000 H'050001 H'050002
H'0AFF80 H'0AFF81 H'0AFF82
H'05FF80 H'05FF81 H'05FF82
– – – – – – – – – – – – – –
– – – – – – – – – – – – – –
H'0AFFFF
Figure 21.3 Block Structure of User MAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com