Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 930 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 930 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 926Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 927Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 928Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 929Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 930Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 931Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 932Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 933Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 934Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 930 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 878 of 1102
REJ09B0294-0100
Table 21.1
Differences between Boot Mode, User Program Mode, and Programmer Mode
Item
SCI boot Mode
USB boot Mode
User Program
Mode
Programmer
Mode
Programming/
erasing environment
On-board
programming
On-board
programming
On-board
programming
Off-board
programming
Programming/
erasing enable MAT
• User MAT
• User MAT
• User MAT
• User MAT
Programming/
erasing control
Command
Command
Programming/
erasing interface
Command
All erasure
O (Automatic)
O (Automatic)
O
O (Automatic)
Block division erasure O*
1
O*
1
O
×
Program data transfer From host via SCI From host via
USB
From desired
device via RAM
Via programmer
RAM emulation
×
×
O
×
Reset initiation MAT
Embedded
program storage
area
Embedded
program storage
area
User MAT
Transition to user
mode
Changing mode
and reset
Changing mode
and reset
Completing
Programming/
erasure*
3
Notes: 1. All-erasure is performed. After that, the specified block can be erased.
2. In this LSI, the user programming mode is defined as the period from the timing when a
program concerning programming and erasure is started to the timing when the
program is completed. For details on a program concerning programming and erasure,
see section 21.7.3, User Program Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com