Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663 Datasheet(PDF) 927 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 927 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 923Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 924Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 925Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 926Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 927Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 928Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 929Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 930Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 931Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 927 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 875 of 1102
REJ09B0294-0100
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
The flash memory has the following features. Figure 21.1 is a block diagram of the flash memory.
21.1
Features
• Size
Product Classification
ROM Size
ROM Address
H8SX/1663
R5F61663
384 kbytes
H'000000 to H'05FFFF (modes 2, 6, 7)
H8SX/1664
R5F61664
512 kbytes
H'000000 to H'07FFFF (modes 2, 6, 7)
• Programming/erasing interface by the download of on-chip program
This LSI has a programming/erasing program. After downloading this program to the on-chip
RAM, programming/erasing can be performed by setting the parameters.
• Programming/erasing time
Programming time: 3 ms (typ) for 128-byte simultaneous programming
Erasing time: 2000 ms (typ) per 1 block (64 kbytes)
• Number of programming
The number of programming can be up to 100 times at the minimum. (1 to 100 times are
guaranteed.)
• Three on-board programming modes
SCI boot mode:
Using the on-chip SCI_4, the user MAT can be programmed/erased. In
SCI boot mode, the bit rate between the host and this LSI can be adjusted
automatically.
USB boot mode:
Using the on-chip USB, the user MAT can be programmed/erased.
User program mode: Using a desired interface, the user MAT can be programmed/erased.
• Off-board programming mode
Programmer mode: Using a PROM programmer, the user MAT can be programmed/erased.
• Programming/erasing protection
Protection against programming/erasing of the flash memory can be set by hardware
protection, software protection, or error protection.
• Flash memory emulation function using the on-chip RAM
Realtime emulation of the flash memory programming can be performed by overlaying parts
of the flash memory (user MAT) area and the on-chip RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com